|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LM196 LM396 10 Amp Adjustable Voltage Regulator August 1992 LM196 LM396 10 Amp Adjustable Voltage Regulator General Description The LM196 is a 10 amp regulator adjustable from 1 25V to 15V which uses a revolutionary new IC fabrication structure to combine high power discrete transistor technology with modern monolithic linear IC processing This combination yields a high-performance single-chip regulator capable of supplying in excess of 10 amps and operating at power levels up to 70 watts The regulators feature on-chip trimming of reference voltage to g0 8% and simultaneous trimming of reference temperature drift to 30 ppm C typical Thermal interaction between control circuitry and the pass transistor which affects the output voltage has been reduced to extremely low levels by strict attention to isothermal layout This interaction called thermal regulation is 100% tested These new regulators have all the protection features of popular lower power adjustable regulators such as LM117 and LM138 including current limiting and thermal limiting The combination of these features makes the LM196 immune to blowout from output overloads or shorts even if the adjustment pin is accidentally disconnected All devices are ``burned-in'' in thermal shutdown to guarantee proper operation of these protective features under actual overload conditions Output voltage is continuously adjustable from 1 25V to 15V Higher output voltages are possible if the maximum input-output voltage differential specification is not exceeded Full load current of 10A is available at all output voltages subject only to the maximum power limit of 70W and of course maximum junction temperature The LM196 is exceptionally easy to use Only two external resistors are used to to set output voltage On-chip adjustment of the reference voltage allows a much tighter specification of output voltage eliminating any need for trimming in most cases The regulator will tolerate an extremely wide range of reactive loads and does not depend on external capacitors for frequency stabilization Heat sink requirements are much less stringent because overload situations do not have to be accounted for only worst-case full load conditions The LM196 is in a TO-3 package with oversized (0 060 ) leads to provide best possible load regulation Operating junction temperature range is b55 C to a 150 C The LM396 is specified for a 0 C to a 125 C junction temperature range Features Y Y Y Y Y Y Y Y Y Output pre-trimmed to g0 8% 10A guaranteed output current P a Product Enhancement tested 70W maximum power dissipation Adjustable output 1 25V to 15V Internal current and power limiting Guaranteed thermal resistance Output voltage guaranteed under worst-case conditions Output is short circuit protected Typical Applications VOUT e (1 25V) R1 a R2 R1 J a IADJ (R2) For best TC of VOUT R1 should be wirewound or metal film 1% or better R2 should be same type as R1 with TC tracking of 30 ppm C or better C1 is necessary only if main filter capacitor is more than 6 away assuming 18 or larger leads C2 is not absolutely necessary but is suggested to lower high frequency output impedance Output capacitors in the range of 1 mF to 1000 mF of aluminum or tantalum electrolytic are commonly used to provide improved output impedance and rejection of transients C3 improves ripple rejection output impedance and noise C2 should be 1 mF or larger close to the regulator if C3 is used TL H 9059 - 1 FIGURE 1 Basic 1 25V to 15V Regulator C1995 National Semiconductor Corporation TL H 9059 RRD-B30M115 Printed in U S A Absolute Maximum Ratings If Military Aerospace specified devices are required please contact the National Semiconductor Sales Office Distributors for availability and specifications Power Dissipation Internally Limited Input-Output Voltage Differential 20V Operating Junction Temperature Range b 55 C to a 150 C LM196 Control Section b 55 C to a 200 C Power Transistor LM396 Control Section 0 C to a 125 C Power Transistor 0 C to a 175 C Storage Temperature ESD rating to be determined b 65 C to a 150 C Lead Temperature (Soldering 10 seconds) 300 C Electrical Characteristics (Note 1) Parameter Reference Voltage Reference Voltage (Note 2) Line Regulation (Note 3) Load Regulation LM196 LM396 (Note 4) Ripple Rejection (Note 5) Thermal Regulation (Note 6) Average Output Voltage Temperature Coefficient Adjustment Pin Current Adjustment Pin Current Change (Note 7) Minimum Load Current (Note 9) Current Limit (Note 8) Rms Output Noise Long Term Stability Thermal Resistance Junction to Case (Note 10) 10 mA s IOUT s 10A 3V s VIN b VOUT s 20V P s PMAX Full Temperature Range 2 5V s (VIN b VOUT) s 20V Full Temperature Range 2 5 s (VIN b VOUT s 7V VIN b VOUT e 20V 10 Hz s f s 10 kHz Tj e 125 C t e 1000 Hours Control Circuitry Power Transistor 10 15 14 3 0 001 03 03 10 10 05 12 10 20 8 10 15 14 3 0 001 03 03 10 10 05 12 10 20 8 mA A A %VOUT % CW CW Conditions Min IOUT e 10 mA VMIN s (VIN b VOUT) s 20V 10 mA s IOUT 10A P s PMAX Full Temperature Range VMIN s (VIN b VOUT) s 20V Full Temperature Range 10 mA s IOUT s 10A VMIN s VIN b VOUT s 10V P s PMAX Full Temperature Range CADJ e 25 mF f e 120 Hz Full Temperature Range VIN b VOUT e 5V IOUT e 10A TjMIN s Tj s TjMAX (See Curves for Limits) 60 54 74 0 003 0 003 50 100 3 0 005 1 24 1 22 LM196 Typ 1 25 1 25 Max 1 26 1 28 Min 1 23 1 21 LM396 Typ 1 25 1 25 Max 1 27 1 29 V V Units 0 005 0 01 0 05 01 0 15 66 54 0 005 0 02 0 05 01 0 15 %V %V %A %A dB dB 74 0 003 0 003 50 100 3 0 015 %W %C mA mA 2 Electrical Characteristics (Note 1) (Continued) Parameter Power Dissipation (PMAX) (Note 11) Drop-Out Voltage LM196 LM396 Conditions Min 7 0V s VIN b VOUT s 12V VIN b VOUT e 15V VIN b VOUT e 18V IOUT e 10A Full Temperature Range 70 50 36 LM196 Typ 100 Max Min 70 50 36 25 2 75 LM396 Typ 100 Max W W W 25 2 75 V Units 21 21 Note 1 Unless otherwise stated these specifications apply for Tj e 25 C VIN b VOUT e 5V IOUT e 10 mA to 10A Note 2 This is a worst-case specification which includes all effects due to input voltage output current temperature and power dissipation Maximum power (PMAX) is specified under Electrical Characteristics Note 3 Line regulation is measured on a short-pulse low-duty-cycle basis to maintain constant junction temperature Changes in output voltage due to thermal gradients or temperature changes must be taken into account separately See discussion of Line Regulation under Application Hints Note 4 Load regulation on the 2-pin package is determined primarily by the voltage drop along the output pin Specifications apply for an external Kelvin sense connnection at a point on the output pin from the bottom of the package Testing is done on a short-pulse-width low-duty-cycle basis to maintain constant junction temperature Changes in output voltage due to thermal gradients or temperature changes must be taken into account separately See discussion of Load Regulation under Application Hints Note 5 Ripple rejection is measured with the adjustment pin bypassed with 25 mF capacitor and is therefore independent of output voltage With no load or bypass capacitor ripple rejection is determined by line regulation and may be calculated from RR e 20 log10 100 (K c VOUT) where K is line regulation expressed in % V At frequencies below 100 Hz ripple rejection may be limited by thermal effects if load current is above 1A Note 6 Thermal regulation is defined as the change in output voltage during the time period of 0 2 ms to 20 ms after a change in power dissipation in the regulator due to either a change in input voltage or output current See graphs and discussion of thermal effects under Application Hints Note 7 Adjustment pin current change is specified for the worst-case combination of input voltage output current and power dissipation Changes due to temperature must be taken into account separately See graph of adjustment pin current vs temperature Note 8 Current limit is measured 10 ms after a short is applied to the output DC measurements may differ slightly due to the rapidly changing junction temperature tending to drop slightly as temperature increases A minimum available load current of 10A is guaranteed over the full temperature range as long as power dissipation does not exceed 70W and VIN b VOUT is less than 7 0V Note 9 Minimum load current of 10 mA is normally satisfied by the resistor divider which sets up output voltage Note 10 Total thermal resistance junction-to-ambient will include junction-to-case thermal resistance plus interface resistance and heat sink resistance See discussion of Heat Sinking under Application Hints Note 11 Although power dissipation is internally limited electrical specifications apply only for power dissipation up to the limits shown Derating with temperature is a function of both power transistor temperature and control area temperature which are specified differently See discussion of Heat Sinking under Application Hints For VIN b VOUT less than 7V power dissipation is limited by current limit of 10A Note 12 Dropout voltage is input-output voltage differential measured at a forced reference voltage of 1 15V with a 10A load and is a measurement of the minimum input output differential at full load Application Hints Further improvements in efficiency can be obtained by using Schottky diodes or high efficiency diodes with lower forward voltage combined with larger filter capacitors to reduce ripple However this reduces the voltage difference between input and drive pins and may not allow sufficient voltage to fully saturate the pass transistor Special transformers are available from Signal Transformer that have a 1V tap on the output winding to provide the extra voltage for the drive pin The transformers are available as standard items for 5V applications at 5A 10A and 20A Other voltages are available on special request Heat Sinking Because of its extremely high power dissipation capability the major limitation in the load driving capability of the LM196 is heat sinking Previous regulators such as LM109 LM340 LM117 etc had internal power limiting circuitry which limited power dissipation to about 30W The LM196 is guaranteed to dissipate up to 70W continuously as long as the maximum junction temperature limit is not exceeded This requires careful attention to all sources of thermal resistance from junction-to-ambient including junction-tocase resistance case-to-heat sink interface resistance (0 1 - 1 0 C W) and heat sink resistance itself A good thermal joint compound such as Wakefield type 120 or Thermalloy Thermocote must be used when mounting the LM196 especially if an electrical insulator is used to isolate the regulator from the heat sink Interface resistance without this compound will be no better than 0 5 C W and probably much worse With the compound and no insulator interface resistance will be 0 2 C W or less assuming 0 005 or less combined flatness run-out of TO-3 and heat sink Proper torquing of the mounting bolts is important to achieve minimum thermal resistance Four to six inch pounds is recommended Keep in mind that good electrical as well as thermal contact must be made to the case 3 Application Hints (Continued) The actual heat sink chosen for the LM196 will be determined by the worst-case continuous full load current input voltage and maximum ambient temperature Overload or short circuit output conditions do not normally have to be considered when selecting a heat sink because the thermal shutdown built into the LM196 will protect it under these conditions An exception to this is in situations where the regulator must recover very quickly from overload The LM196 may take some time to recover to within specified output tolerance following an extended overload if the regulator is cooling from thermal shutdown temperature (approximately 175 ) to specified operating temperature (125 C or 150 C) The procedure for heat sink selection is as follows Calculate worst-case continuous average power dissipation in the regulator from P e (VIN b VOUT) c (IOUT) To do this you must know the raw power supply voltage current characteristics fairly accurately For example consider a 10V output with 15V nominal input voltage At full load of 10A the regulator will dissipate P e (15 b 10) c (10) e 50W If input voltage rises by 10% power dissipation will increase to (16 5 b 10) c (10) e 65W a 30% increase It is strongly suggested that a raw supply be assembled and tested to determine its average DC output voltage under full load with maximum line voltage Do not over-design by using unloaded voltage as a worst-case since the regulator will not be dissipating any power under no load conditions Worst-case regulator dissipation normally occurs under full load conditions except when the effective DC resistance of the raw supply (DV DI) is larger than (VIN b VOUT) 2IfL where VIN is the lightly-loaded raw supply voltage and IfL is full load current For (VIN b VOUT) e 5V b 8V and IfL e 5A-10A this gives a resistance of 0 25X to 0 8X If raw supply resistance is higher than this the regulator power dissipation may be less at full load current then at some intermediate current due to the large drop in input voltage Fortunately most well designed raw supplies have low enough output resistance that regulator dissipation does maximize at full load current or very close to it so tedious testing is not usually required to find worst-case power dissipation A very important consideration is the size of the filter capacitor in the raw supply At these high current levels capacitor size is usually dictated by ripple current ratings rather than just obtaining a certain ripple voltage Capacitor ripple current (rms) is 2 - 3 times the DC output current of the filter If the capacitor has just 0 05X DC resistance this can cause 30W internal power dissipation at 10A output current Capacitor life is very sensitive to operating temperature decreasing by a factor of two for each 15 C rise in internal temperature Since capacitor life is not all that great to start with it is obvious that a small capacitor with a large internal temperature rise is inviting very short mean-time-to-failure A second consideration is the loss of usable input voltage to the regulator If the capacitor is small the large dips in the input voltage may cause the LM196 to drop out of regulation 2000 mF per ampere of load current is the minimum recommended value yielding about 2 Vp-p ripple of 120 Hz Larger values will have longer life and the reduced ripple will allow lower DC input voltage to the regulator with subsequent cost savings in the transformer and heat sink Sometimes several capacitors in parallel are better to decrease series resistance and increase heat dissipating area After the raw supply characteristics have been determined and worst-case power dissipation in the LM196 is known the heat sink thermal resistance can be found from the graphs titled Maximum Heat Sink Thermal Resistance These curves indicate the minimim size heat sink required as a function of ambient temperature They are derived from a case-to-control area thermal resistance of 0 5 C W and a case-to-power transistor thermal resistance of 1 2 C W 0 2 C W is assumed for interface resistance A maximum control area temperature of 150 C is used for the LM196 and 125 C for the LM396 Maximum power transistor temperature is 200 C for the LM196 and 175 C for the LM396 For conservative designs it is suggested that when using these curves you assume an ambient temperature 25 C - 50 C higher than is actually anticipated to avoid running the regulator right at its design limits of operating temperature A quick look at the curves show that heat sink resistance (iSA) will normally fall into the range of 0 2 C W - 1 5 C W These are not small heat sinks A model 441 for instance which is sold by several manufacturers has a iSA of 0 6 C W with natural convection and is about five inches on a side Smaller sinks are more volumetrically efficient and larger sinks less so A rough formula for estimating the volume of heat sink required is V e 50 iSA1 5 CU IN This holds for natural convection only If the heat sink is inside a small sealed enclosure iSA will increase substantially because the air is not free to form natural convection currents Fan-forced convection can reduce iSA by a factor of two at 200 FPM air velocity and by four at 1000 FPM Ripple Rejection Ripple rejection at the normal ripple frequency of 120 Hz is a function of both electrical and thermal effects in the LM196 If the adjustment pin is not bypassed with a capacitor it is also dependent on output voltage A 25 mF capacitor from the adjustment pin to ground will make ripple rejection independent of output voltage for frequencies above 100 Hz If lower ripple frequencies are encountered the capacitor should be increased proportionally To keep in mind that the bypass capacitor on the adjustment pin will limit the turn-on time of the regulator A 25 mF capacitor combined with the output divider resistance will give an extended output voltage settling time following the application of input power Load Regulation (LM196 LM396) Because the LM196 is a three-terminal device it is not possible to provide true remote load sensing Load regulation will be limited by the resistance of the output pin and the wire connecting the regulator to the load For the data sheet specification regulation is measured 1 4 from the bottom of the package on the output pin Negative side sensing is a true Kelvin connection with the bottom of the output divider returned to the negative side of the load 4 Application Hints (Continued) Although it may not be immediately obvious best load regulation is obtained when the top of the divider is connected directly to the output pin not to the load This is illustrated in Figure 2 If R1 were connected to the load the effective resistance between the regulator and the load would be (Rw) c Rw e Line Resistance TC e Temperature coefficient of output voltage ijA e Thermal resistance from junction to ambient ijA is approximately 0 5 C W a i of heat sink For the same conditions as before with TC e 0 003% C and ijA e 1 5 C W the change in output voltage will be 0 18% Because these two thermal terms can have either polarity they may subtract from or add to electrical load regulation For worst-case analysis they must be assumed to add If the output of the regulator is trimmed under load only that portion of the load that changes need be used in the previous calculations significantly improving output accuracy Line Regulation Electrical line regulation is very good on the LM196 typically less than 0 005% change in output voltage for a 1V change in input This level of regulation is achieved only for very low load currents however because of thermal effects Even with a thermal regulation of 0 002% W and a temperature coefficient of 0 003% C DC line regulation will be dominated by thermal effects as shown by the following example Assume VOUT e 5V VIN e 9V IOUT e 8A Following a 10% change in input voltage (0 9) the output will change quickly (s100 ms) due to electrical effects by (0 005%V) c (0 9V) e 0 0045% In the next 20 ms the output will change an additional (0 002% W) c (8A) c (0 9V) e 0 0144% due to thermal gradients across the die After a much longer time determined by the time constant of the heat sink the output will change an additional (0 003% C) c (8A) c (0 9V) c (2 C W) e 0 043% due to the temperature coefficient of output voltage and the thermal resistance from die to ambient (2 C W was chosen for this calculation) The sign of these last two terms varies from part to part so no assumptions can be made about any cancelling effects All three terms must be added for a proper analysis This yields 0 0045 a 0 0144 a 0 043 e 0 062% using typical values for thermal regulation and temperature coefficient For worst-case analysis the maximum data sheet specifications for thermal regulation and temperature coefficient should be used along with the actual thermal resistance of the heat sink being used Paralleling Regulators Direct paralleling of regulators is not normally recommended because they do not share currents equally The regulator with the highest reference voltage will supply all the current to the load until it current limits With an 18A load for instance one regulator might be operating in current limit at 16A while the second device is only carrying 2A Power dissipation in the high current regulator is extremely high with attendant high junction temperatures Long term reliability cannot be guaranteed under these conditions Quasi-paralleling may be accomplished if load regulation is not critical The connection shown in Figure 5a will typically share to within 1A with a worst-case of about 3A Load regulation is degraded by 150 mV at 20A loads An external op amp may be used as in Figure 5b to improve load regulation and provide remote sensing R2 a R1 R1 J Connected as shown Rw is not multiplied by the divider ratio Rw is about 0 004X per foot using 16 gauge wire This translates to 40 mV ft at 10A load current so it is important to keep the positive lead between regulator and load as short as possible TL H 9059 - 2 FIGURE 2 Proper Divider Connection The input resistance of the sense pin is typically 6 kX modeled as a resistor between the sense pin and the output pin Load regulation will start to degrade if a resistance higher than 10X is inserted in series with the sense This assumes a worst-case condition of 0 5V between output and sense pins Lower differential voltage will allow higher sense series resistance Thermal Load Regulation Thermal as well as electrical load regulation must be considered with IC regulators Electrical load regulation occurs in microseconds thermal regulation due to die thermal gradients occurs in the 0 2 ms-20 ms time frame and regulation due to overall temperature changes in the die occurs over a 20 ms to 20 minute period depending on the time constant of the heat sink used Gradient induced load regulation is calculated from DVOUT e (VIN b VOUT) c (DIOUT) c (b) b e Thermal regulation specified on data sheet For VIN e 9V VOUT e 5V DIOUT e 10A and b e 0 005% W this yields a 0 2% change in output voltage Changes in output voltage due to overall temperature rise are calculated from VOUT e (VINb VOUT) c (DIOUT) c (TC) c (ijA) 5 Application Hints (Continued) Input and Output Capacitors The LM196 will tolerate a wide range of input and output capacitance but long wire runs or small values of output capacitance can sometimes cause problems If an output capacitor is used it should be 1 mF or larger We suggest 10 mF solid tantalum if significant improvements in high frequency output impedance are needed (see output impedance graph) This capacitor should be as close to the regulator as possible with short leads to reduce the effects of lead inductance No input capacitor is needed if the regulator is within 6 inches of the power supply filter capacitor using 18 gauge stranded wire For longer wire runs the LM196 input should be bypassed locally with a 4 7 mF (or larger) solid tantalum capacitor or a 100 mF (or larger) aluminum electrolytic capacitor Correcting for Output Wire Losses (LM196 LM396) Three-terminal regulators can only provide partial Kelvin load sensing (see Load Regulation) Full remote sensing can be added by using an external op amp to cancel the effect of voltage drops in the unsensed positive output lead In Figure 7 the LM301A op amp forces the voltage loss across the unsensed output lead to appear across R3 The current through R3 then flows out the Vb pin of the op amp through R4 The voltage drop across R4 will raise the output voltage by an amount equal to the line loss just cancelling the line loss itself A small ( j 40 mV) initial output voltage error is created by the quiescent current of the op amp Cancellation range is limited by the maximum output current of the op amp about 300 mV as shown This can be raised by increasing R3 or R4 at the expense of more initial output error Transformers and Diodes Proper transformer ratings are very important in a high current supply because of the conflicting requirements of efficiency and tolerance to low-line conditions A transformer with a high secondary voltage will waste power and cause unnecessary heating in the regulator Too low a secondary voltage will cause loss of regulation under low-line conditions The following formulas may be used to calculate the required secondary voltage and current ratings using a fullwave center tap Vrms e 2 V V J (1 1) J 0 NOM LOW VNOM e Nominal line voltage AC rms VLOW e Low line voltage AC rms IOUT e DC output current Example IOUT e 10A VOUT e 5V Assume VREG e 2 2V VRECT e 1 2V VRIPPLE e 2 Vp-p VNOM e 115V VLOW e 105V 5a22a12a1 115 11 Vrms e 105 02 e 8 01 Vrms (5 3 c 10b3) (IOUT) Capacitor C e 2 c VRIPPLE (5 3 c 10b3)(10) e e 26 500 mF 2 J J VOUT a VREG a VRECT a VRIPPLE J Irms e (IOUT) (1 2) (Full-wave center tap) where VOUT e DC regulated output voltage VREG e Minimum input-output voltage of regulator VRECT e Rectifier forward voltage drop at three times DC output current VRIPPLE e 1 2 peak-to-peak capacitor ripple voltage e The diodes used in a full-wave rectified capacitor input supply must have a DC current rating considerably higher than the average current flowing through them In a 10A supply for instance the average current through each diode is only 5A but the diodes should have a rating of 10A - 15A There are many reasons for this both thermal and electrical The diodes conduct current in pulses about 3 5 ms wide with a peak value of 5 - 8 times the average value and an rms value 1 5 - 2 0 times the average value This results in long term diode heating roughly equivalent to 10A DC current The most demanding condition however may be the one cycle surge through the diode during power turn on The peak value of the surge is about 10 - 20 times the DC output current of the supply or 100A - 200A for a 10A supply The diodes must have a one cycle non-repetitive surge rating of 200A or more and this is usually not found in a diode with less than 10A average current rating Keep in mind that even though the LM196 may be used at current levels below 10A the diodes may still have to survive shorted output conditions where average current could rise to 12A - 15A Smaller transformers and filter capacitors used in lower current supplies will reduce surge currents but unless specific information is available on worst-case surges it is best not to economize on diodes Stud-mounted devices in a DO-4 package are recommended Cathode-to-case types may be bolted directly to the same heat sink as the LM196 because the case of the regulator is its power input Part numbers to consider are the 1N1200 series rated at 12A average current in a DO-4 stud package Additional types include common cathode duals in a TO-3 package both standard and Schottky and various duals in plastic filled assemblies Schottky diodes will improve efficiency especially in low voltage applications In a 5V supply for instance Schottky diodes will decrease wasted power by up to 6W or alternatively provide an additional 5% ``drop out'' margin for lowline conditions Several manufacturers are producing ``high efficiency'' diodes with a forward voltage drop nearly as good as Schottkys at high current levels These devices do not have the low breakdown voltages of Schottkys so are much less prone to reverse breakdown induced failures (5 3 c 10b3) (IOUT) 2C The factor of 1 1 is only an approximate factor accounting for load regulation of the transformer 6 Typical Performance Characteristics Reference Drift Minimum Input-Output Differential Minimum Input-Output Differential TL H 9059 - 3 VIN is reduced until output drops 2% VIN is reduced until output drops 2% Current Limit Maximum Power Dissipation Maximum Heat Sink Thermal Resistance TL H 9059 - 4 As limited by maximum junction temperature See ``Heat Sinking'' under Applications Hints Maximum Heat Sink Thermal Resistance TO-3 Interface Thermal Resistance Using Thermal Joint Compound Thermal Regulation TL H 9059 - 5 See ``Heat Sinking'' under Application Hints 7 Typical Performance Characteristics Reference Voltage Noise (Continued) Ripple Rejection Ripple Rejection TL H 9059 - 6 To obtain output noise multiply by VOUT 1 25 if adjustment pinis not bypassed Adjustment Current Output Impedance Adjustment Pin Bypassed (C e 25 mF) Output Impedance TL H 9059 - 7 For output voltages other than 5V multiply vertical scale readings by VOUT 5 Line Transient Response Adjustment Pin Bypassed Load Transient Response Adjustment Pin Bypassed Line Transient Response TL H 9059 - 8 With no adjustment pin bypass For output voltages other than 5V multiply vertical scale by VOUT 5 8 Typical Performance Characteristics (Continued) Load Transient Response TL H 9059 - 9 With no adjustment pin bypass For output voltages other than 5V multiply vertical scale by VOUT 5 Typical Applications (Continued) TL H 9059 - 10 Regulation can be improved by adding an LM336 reference diode to increase the effective reference voltage to 3 75V Load and line regulation are improved by 3 1 including thermal effects FIGURE 3 Improving Regulation R3 is selected to supply partial load current Therefore a minimum load must always be maintained to prevent the regulated output from rising uncontrolled R3 must be greater than (VMAX b VOUT) IMIN where VMAX is worst-case high input voltage and IMIN is the minimum load current R3 must be rated for at least (VIN b VOUT)2 R3 watts Regulator power dissipation will be reduced by a factor of 2-3 in a typical situation where minimum load current is 1 2 full load current Regulator dissipation will peak at VIN e and will be equal to PMAX e (R3)(IOUT)2 Assuming (R3)(IOUT) s VMAX b VOUT 4 (R3)(IOUT) a VOUT 2 A few words of caution (1) R3 power rating must be increased to (VMAX)2 R3 if continuous output shorts are possible (2) Under normal load conditions system power dissipation is not changed but under short circuit conditions system power dissipation increases by (VIN)2 R3 watts over the already high power of a shorted regulator The LM196 will not be harmed and neither will R3 if it is rated properly but the raw supply components must be able to withstand the overload also Thermal shutdown of the LM196 will probably occur for sustained shorts somewhat alleviating the problem TL H 9059 - 11 FIGURE 4 Reducing Regulator Power Dissipation 9 Typical Applications (Continued) TL H 9059-12 FIGURE 5a Paralleling Regulators 2 feet of 18 CU wire Total voltage drop across output wire and connector should not exceed 0 3V TL H 9059 - 13 FIGURE 5b TL H 9059 - 14 Output will be within g20 mV at 25 C no load Regulation of tracking units is improved by VOUT 1 25 compared to a normal connection Regulation of master unit is unchanged Load or input voltage changes on slave units do not affect other units but all units will be affected by changes on master A short on any output will cause all other outputs to drop to approximately 2V FIGURE 6 Tracking Regulators 10 Typical Applications (Continued) TL H 9059 - 15 Parasatic line resistance created by wiring connectors or parallel ballasting FIGURE 7 Correcting for Line Losses TL H 9059 - 16 Power NPNs have low collecter resistance and do not require collector bond wires Collectors are all common to substrate Standard NPNs are still isolated FIGURE 8 Process Technology Connection Diagram Metal Can Package TL H 9059 - 18 Bottom View Order Number LM196K STEEL or LM396K STEEL See NS Package Number K02B 11 Schematic Diagram 12 TL H 9059 - 17 Drive is tied to VIN and sense is tied to VOUT on LM196 and LM396 13 LM196 LM396 10 Amp Adjustable Voltage Regulator Physical Dimensions inches (millimeters) TO-3 Metal Can Package (K) Order Number LM196K STEEL or LM396K STEEL NS Package Number K02B LIFE SUPPORT POLICY NATIONAL'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL SEMICONDUCTOR CORPORATION As used herein 1 Life support devices or systems are devices or systems which (a) are intended for surgical implant into the body or (b) support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in a significant injury to the user National Semiconductor Corporation 1111 West Bardin Road Arlington TX 76017 Tel 1(800) 272-9959 Fax 1(800) 737-7018 2 A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system or to affect its safety or effectiveness National Semiconductor Europe Fax (a49) 0-180-530 85 86 Email cnjwge tevm2 nsc com Deutsch Tel (a49) 0-180-530 85 85 English Tel (a49) 0-180-532 78 32 Fran ais Tel (a49) 0-180-532 93 58 Italiano Tel (a49) 0-180-534 16 80 National Semiconductor Hong Kong Ltd 13th Floor Straight Block Ocean Centre 5 Canton Rd Tsimshatsui Kowloon Hong Kong Tel (852) 2737-1600 Fax (852) 2736-9960 National Semiconductor Japan Ltd Tel 81-043-299-2309 Fax 81-043-299-2408 National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications |
Price & Availability of LM396K |